PART |
Description |
Maker |
NDH8320C |
Dual N & P-Channel Enhancement Mode Field Effect Transistor(双N沟道和P沟道增强型场效应N沟道:漏电流3A, 漏源电压20V,导通电.06Ω;P沟道:漏电流-2A, 漏源电压-20V,导通电.13Ω 3000 mA, 20 V, 2 CHANNEL, N AND P-CHANNEL, Si, SMALL SIGNAL, MOSFET Dual N & P-Channel Enhancement Mode Field Effect Transistor
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
APM9988COC-TUL APM9988COC-TRL |
Dual N-Channel Enhancement Mode MOSFET 双N沟道增强型MOS Dual N-Channel Enhancement Mode MOSFET 6 A, 20 V, 0.02 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET, MO-153AA
|
Anpec Electronics, Corp.
|
102100-1 |
.156 Inch Centerline-Cable to Board AMPMODU .031 x .062 Interconnection System (Mod I); MOD I RECP PLTD 15 SEL ( AMP )
|
Tyco Electronics
|
FDS8936S |
Dual N-Channel Enhancement Mode Field Effect Transistor 5 A, 30 V, 0.04 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
BSS84DW2 BSS84DW-7-F |
DUAL P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR 130 mA, 50 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated Diodes, Inc.
|
UT4812Z UT4812ZG-S08-R |
DUAL N-CHANNEL ENHANCEMENT MODE 30 V, 0.028 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET HALOGEN FREE, SOP-8
|
Unisonic Technologies Co., Ltd.
|
ZXMP3A17DN8TA ZXMP3A17DN8TC ZXMP3A17DN8-15 |
DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET 3400 mA, 30 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET DUAL P-CHANNEL 30V ENHANCEMENT MODE MOSFET
|
Diodes Incorporated Zetex Semiconductor PLC
|
CMRDM3590 |
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 160 mA, 20 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET ROHS COMPLIANT PACKAGE-6
|
Central Semiconductor Corp Central Semiconductor, Corp.
|
CMLDM8002A CMLDM8002AJ |
SURFACE MOUNT PICOmini DUAL P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET 0.28 mA, 50 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor, Corp.
|
SI9948AEY |
P-Channel Enhancement-Mode MOSFET Dual Dual P-Channel 60-V (D-S), 175C MOSFET Dual P-Channel 60-V (D-S), 175C MOSFET Dual P-Channel 60-V (D-S)/ 175C MOSFET
|
Vishay Siliconix Fairchild Semiconductor
|
ZXMD65P02N8_04 ZXMD65P02N8 ZXMD65P02N8TA ZXMD65P02 |
4000 mA, 20 V, 2 CHANNEL, P-CHANNEL, Si, SMALL SIGNAL, MOSFET DUAL 20V P-CHANNEL ENHANCEMENT MODE MOSFET
|
DIODES INC ZETEX[Zetex Semiconductors] http://
|
HYS72T512022EP-3S-B |
240-Pin Dual Die Registered DDR2 SDRAM Modules 512M X 72 DDRAM MOD, 0.5 ns, DMA240
|
Qimonda AG
|
|